Part Number Hot Search : 
CE12022 30009 M5R15TP MC100 74HC54 EE07988 AO4407 XFGIB
Product Description
Full Text Search
 

To Download LS3250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LS3250 SERIES
Linear Integrated Systems
FEATURES 6 LEAD SOT-23 SURFACE MOUNT PACKAGE* TIGHT MATCHING1 EXCELLENT THERMAL TRACKING ABSOLUTE MAXIMUM RATINGS2 @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Operating Junction Temperature Maximum Power Dissipation Continuous Power Dissipation Maximum Currents Collector Current Maximum Voltages Collector to Collector Voltage 80V 50mA TBD -65 to +150 C -55 to +150 C
1
MONOLITHIC DUAL NPN TRANSISTORS
2mV 3V/C
SOT-23 TOP VIEW B1 E2 B2
1 2 3 6 5 4
TO-78 BOTTOM VIEW
C1 E1 C2
PDIP
E1 B1 C1
2
3
5 6
E2 B2 C2
1
7
TO-71 BOTTOM VIEW
SOIC
8 7 6 5
C1
E1 B1 C1
2 1 7 3 5 6
1 2 3 4
C2 C1 B2 B1 E2 E1 NC NC
1 2 3 4
8 7 6 5
C2 B2 E2 NC
E2 B2 C2
B1 E1 NC
MATCHING ELECTRICAL CHARACTERISTICS @25 C (unless otherwise stated) SYMBOL CHARACTERISTIC LS3250A MIN MAX LS3250B MIN MAX LS3250C MIN MAX UNIT CONDITIONS
VBE1 - VBE2 VBE1 - VBE2 T IB1 - IB2 IB1 - IB2 T
hFE1 hFE2
Base to Emitter Voltage Differential Base to Emitter Voltage Differential Change with Temperature Base Current Differential Base Current Differential Change with Temperature
Current Gain Differential
2 3 10 0.5
10
5 5 10 0.5
10
10 15 10 1.0
15
mV V/C nA nA/C
%
IC = 10mA, VCE = 5V IC = 10mA, VCE = 5V TA = -40C to +85C IC = 10A, VCE = 5V IC = 10A, VCE = 5V TA = -40C to +85C
IC = 10A, VCE = 5V
ELECTRICAL CHARACTERISTICS @25 C (unless otherwise stated) SYMBOL CHARACTERISTIC LS3250A MIN MAX LS3250B MIN MAX LS3250C MIN MAX UNIT CONDITIONS
BVCBO BVCEO BVCCO BVEBO VCE(SAT)
Collector to Base Breakdown Voltage Collector to Emitter Breakdown Voltage Collector to Collector Breakdown Voltage Emitter to Base Breakdown Voltage3 Collector to Emitter Saturation Voltage
45 45 80 6.2 0.25
40 40 80 6.2 0.25
20 20 80 6.2 1.2 V
IC = 10mA, IE = 0A IC = 10A, IE = 0A IE = 10A, IC = 0A IC = 100mA, IB = 10mA
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
ELECTRICAL CHARACTERISTICS CONT. @25 C (unless otherwise stated) SYMBOL CHARACTERISTIC LS3250A MIN MAX LS3250B MIN MAX LS3250C MIN MAX UNIT CONDITIONS
150 hFE DC Current Gain 120 100 ICBO IEBO IC1C2 COBO fT NF Collector Cutoff Current Emitter Cutoff Current Collector to Collector Leakage Current Output Capacitance Gain Bandwidth Product (Current) Noise Figure (Narrow Band) 0.2 0.2 1 2 600 3
100 80 80 0.2
50 40 40 0.2 0.2 1 2 600 3 0.2 1 2 600 3 pF MHz dB
IC = 1mA, VCE = 5V IC = 10mA, VCE = 5V IC = 50mA, VCE = 5V IE = 0A, VCB = 30V nA IE = 0A, VCB = 20V IE = 0A, VCB = 3V VCC = 80V IE = 0A, VCB = 10V IC = 1mA, VCE = 5V IC = 100A, VCE = 5V BW = 200Hz RB = 10, f = 1kHz
SOT-23
0.95
TO-71
Six Lead
0.35 0.50 2.80 3.00
TO-78
0.230 DIA. 0.209
PDIP
0.060 1 2 8 7 0.375 0.038 3 4 0.250 6 5 0.100
1
1.90
6 5 4
0.195 DIA. 0.175 0.030 MAX.
0.305 0.335
0.335 0.370 MAX. 0.040 0.165 0.185 MIN. 0.500 SEATING PLANE
2 3
1.50 1.75 2.60 3.00
0.150 0.115
0.016 0.019 DIM. A 0.016 0.021 DIM. B 0.200 0.029 0.045
23 1 5 76
6 LEADS
0.019 DIA. 0.016 0.100
0.500 MIN.
0.90 1.30
0.100
0.145 0.170
0.050
0.09 0.20
0.295 0.320 DIMENSIONS IN INCHES
23 1 5 6 7
0.100 45
0.00 0.15
0.10 0.60 DIMENSIONS IN MILLIMETERS
45 0.046 0.036
SOIC
0.014 0.018 1 2 0.021 3 4 0.150 0.157 8 7 6 5 0.050 0.189 0.196
0.048 0.028
0.028 0.034
Standard package is SOT23 6 lead. Other packages listed are optional. Contact factory regarding availability of optional packages.
0.0040 0.0098 0.2284 0.2440 DIMENSIONS IN INCHES
0.0075 0.0098
NOTES:
1. 2. 3. Maximum rating for LS3250A, SOT23-6. Absolute maximum ratings are limiting values above which serviceability may be impaired. The reverse Base to Emitter voltage must never exceed 6.2 Volts. The reverse Base to Emitter current must never exceed 10A.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of LS3250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X